PART |
Description |
Maker |
SPI80N03S2-03 |
Low Voltage MOSFETs - OptiMOS Power MOSFET, 30V, TO-262, RDSon = 3.4 mOhm, 80A, NL
|
Infineon
|
SPP80N03S2L-04 SPB80N03S2L-04 SPI80N03S2L-04 |
Low Voltage MOSFETs - OptiMOS Power MOSFET, 30V, TO-220, RDSon = 3.1mOhm, 80A, LL 80 A; 30V; LL; 4.2 mOhm Low Voltage MOSFETs - OptiMOS Power MOSFET, 30V, D2PAK, RDSon = 3.9mOhm, 80A, LL OptiMOS Power-Transistor
|
INFINEON[Infineon Technologies AG]
|
NTMS4840NR2G |
Power MOSFET 30V 7.5A 24 mOhm Single N-Channel SO-8 5500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Glenair, Inc.
|
IRL2203 IRL2203N IRL2203NPBF |
30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A?
|
International Rectifier
|
IRLML5103 IRLML5103PBF IRLML5103TR |
-30V Single P-Channel HEXFET Power MOSFET in a Micro 3 package Power MOSFET(Vdss=-30V, Rds(on)=0.60ohm)
|
IRF[International Rectifier]
|
IRF7706 IRF7706TR |
-30V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package Power MOSFET(Vdss=-30V)
|
IRF[International Rectifier]
|
IRF7416 IRFB7416 IRF7416TR |
Power MOSFET(Vdss=-30V/ Rds(on)=0.02ohm) Power MOSFET(Vdss=-30V, Rds(on)=0.02ohm) -30V Single P-Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier
|
STB3020L 6474 |
CSED, FLANGE KIT 400A -通道30V 0.019ohm - 40A采用D2PAK STripFET]功率MOSFET From old datasheet system N - CHANNEL 30V - 0.019 - 40A - D 2 PAK STripFET TM POWER MOSFET N - CHANNEL 30V - 0.019ohm - 40A - D2PAK STripFET] POWER MOSFET N - CHANNEL 30V - 0.019W - 40A - D 2 PAK STripFET POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
STB160NF03L 7460 |
N-CHANNEL 30V 0.0021 OHM - 160A D2PAK STRIPFET POWER MOSFET N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFET POWER MOSFET N-CHANNEL 30V 0.0021 OHM - 160A D2PAK STRIPFET POWER MOSFET From old datasheet system N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFET⑩ POWER MOSFET N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFETPOWER MOSFET N沟道30V 0.0021ohm - 160A章采用D2PAK STripFET⑩功率MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
STS7C4F30L |
7 A, 30 V, 0.026 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET⑩ POWER MOSFET P-CHANEL 30V - 0.027 OHM - 6A SO-8 STRIPFET II POWER MOSFET N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
IRFR3709ZPBF IRFU3709ZPBF IRFR3709ZTRR IRFR3709ZTR |
30 A, 30 V, 0.0065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 6.5mヘ , Qg = 17nC ) HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 6.5mΩ , Qg = 17nC ) High Frequency Synchronous Buck Converters for Computer Processor Power
|
International Rectifier
|